PART |
Description |
Maker |
BUS-65163-B BUS-65153-883B |
Rail-to-rail high output current quad operational amplifier Output rail-to-rail operational amplifiers MIL-STD-1553/ARINC总线控制 RTU通讯
|
Coilcraft, Inc.
|
3885 M38851F3-HP M38850F3-HP M38851F1-HP M38850F1- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 5-SOT-23 -40 to 125 CAP 680PF 50V 10% X7R SMD-0402 TR-13 PLATED-NI/SN Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 PLCC Socket; Number of Contacts:32; Terminal Type:PCB Surface Mount; Contact Plating:Tin Over Nickel; Mounting Type:Surface Mount ACCU-F/P CRYSTAL, SM, CX-49G, 8MHZ; Frequency, output:8000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes Automotive Catalog 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier With Shutdown 5-SOT-23 -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-MSOP 0 to 70 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-TSSOP -40 to 125 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-SOIC
|
Renesas Electronics Corporation. Renesas Electronics, Corp. http://
|
MAX4165 MAX4165EUK-T MAX4166 MAX4166EPA MAX4166ESA |
Quad, high-output-drive, precision, low-power, single-supply 2.7V to 6.5V, Rail-to-Rail I/O op amp. High-Output-Drive / Precision / Low-Power / Single- Supply / Rail-to-Rail I/O Op Amps with Shutdown From old datasheet system High-Output-Drive Precision Low-Power Single- Supply Rail-to-Rail I/O Op Amps with Shutdown High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown Dual, high-output-drive, precision, low-power, single-supply 2.7V to 6.5V, Rail-to-Rail I/O op amp with swhutdown.
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
TSV912HYDT TSV912AH |
High temperature rail-to-rail input/output 8 MHz operational amplifiers
|
STMicroelectronics
|
AD45048 AD45048AR AD45048AR-REEL7 |
Rail-to-Rail, High Output Current, Upstream ADSL Line Driver
|
Analog Devices
|
AD8030-15 |
Low Power, High Speed Rail-to-Rail Input/Output Amplifier
|
Analog Devices
|
ADA4851-107 ADA4851-2YRMZ ADA4851-2YRMZ-RL7 |
Low Cost, High Speed, Rail-to-Rail, Output Op Amps
|
http:// Analog Devices
|
TS924AIN TS924IN TS92405 TS924ID_IDT TS924_05 924A |
Rail-to-rail High Output Current Quad Operational Amplifier
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
MAX4369 MAX4369EBL-T |
Dual, Rail-to-Rail, High-Output-Drive Op Amp in UCSP
|
Maxim Integrated Produc...
|
U8600B |
Rail-to-rail high output current single operational amplifier
|
|
ADA4850-1YCPZ-RL7 ADA4850-2 ADA4850-1YCPZ-R2 ADA48 |
High Speed, Rail-to-Rail Output, Op Amp with Ultralow Power-Down
|
AD[Analog Devices]
|
TS925AID TS925AIN TS925AIP TS925AIPT TS925IP TS925 |
RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
|
ST Microelectronics
|